Part Number Hot Search : 
HX6098NL 10010 TC124 MLG1005S 1SAM7 TC124 87C749 163390J
Product Description
Full Text Search
 

To Download LDTA124EET1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LESHAN RADIO COMPANY, LTD.
Bias Resistor Transistor
PNP Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
This new digital transistor is designed to replace a single device and its external resistor bias network. The BRT (Bias Resistor Transistor) contains a single transistor with a monolithic bias network consisting of two resistors; a series base resistor and a base-emitter resistor. The BRT eliminates these individual components by integrating them into a single device. The use of a BRT can reduce both system cost and board space. The device is housed in the SC-89 package which is designed for low power surface mount applications.
LDTA124EET1
3
1 2
SC-89
* Simplifies Circuit Design * Reduces Board Space * Reduces Component Count
R1 R2 2 EMITTER Unit Vdc Vdc mAdc 3 COLLECTOR
1 BASE
MAXIMUM RATINGS (TA = 25C unless otherwise noted)
Rating Collector-Base Voltage Collector-Emitter Voltage Collector Current Symbol VCBO VCEO IC Value 50 50 100
DEVICE MARKING AND RESISTOR VALUES
Device LDTA124EET1 Marking 6B R1 (K) 22 R2 (K) 22 Shipping 3000/Tape & Reel
THERMAL CHARACTERISTICS
Characteristic Total Device Dissipation, FR-4 Board (Note 1.) @ TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient (Note 1.) Total Device Dissipation, FR-4 Board (Note 2.) @ TA = 25C Derate above 25C Thermal Resistance, Junction to Ambient (Note 2.) Junction and Storage Temperature Range 1. FR-4 @ Minimum Pad 2. FR-4 @ 1.0 x 1.0 Inch Pad Symbol PD Max 200 1.6 RJA PD 300 2.4 RJA TJ, Tstg 400 -55 to +150 mW mW/C C/W C 600 mW mW/C C/W Unit
P3-1/4
LESHAN RADIO COMPANY, LTD.
LDTA124EET1
ELECTRICAL CHARACTERISTICS (TA = 25C unless otherwise noted)
Characteristic Collector-Base Cutoff Current (V CB = 50 V, IE = 0) Collector-Emitter Cutoff Current (V CE = 50 V, IB = 0) Emitter-Base Cutoff Curren (VEB = 6.0 V, IC = 0 ) Collector-Base Breakdown Voltage (IC = 10 A, IE = 0) Collector-Emitter Breakdown Voltage (IC = 2.0 mA, IB = 0) DC Current Gain (VCE = 10 V, IC = 5.0 mA) Collector-Emitter Saturation Voltage (IC = 10 mA, IB = 1 mA, IE = 0.3 mA) Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 k) Input Resistor Resistor Ratio Symbol I CBO ICEO IEBO V(BR)CBO V(BR)CEO hFE VCE(sat) VOL R1 R1/R2 Min - - - 50 50 60 - - 15.4 0.8 Typ - - - - - 100 - - 22 1.0 Max 100 500 0.2 - - - 0.25 0.2 28.6 1.2 Vdc Vdc k Unit nAdc nAdc mAdc Vdc Vdc
P3-2/4
LESHAN RADIO COMPANY, LTD.
LDTA124EET1
ELECTRICAL CHARACTERISTIC CURVES
VCE(sat) , MAXIMUM COLLECTOR VOLTAGE (VOLTS) 10 IC/IB = 10 hFE , DC CURRENT GAIN (NORMALIZED) 1000
VCE = 10 V
1 TA = -25C
25C
TA = 75C 100
25C
-25C
75C 0.1
0.01
0
20 IC, COLLECTOR CURRENT (mA)
40
50
10
1
10 IC, COLLECTOR CURRENT (mA)
100
Figure 1. VCE(sat) versus IC
4 IC, COLLECTOR CURRENT (mA) f = 1 MHz lE = 0 V TA = 25C 100 75C 10
Figure 2. DC Current Gain
25C TA = -25C
Cob , CAPACITANCE (pF)
3
1
2
0.1
1
0.01 0 1 2 3 4 5 6 7 Vin, INPUT VOLTAGE (VOLTS) 8
VO = 5 V 9 10
0
0
10 20 30 40 VR, REVERSE BIAS VOLTAGE (VOLTS)
50
0.001
Figure 3. Output Capacitance
100 V in, INPUT VOLTAGE (VOLTS) VO = 0.2 V TA = -25C 10 75C 25C
Figure 4. Output Current versus Input Voltage
1
0.1
0
10
20 30 IC, COLLECTOR CURRENT (mA)
40
50
Figure 5. Input Voltage versus Output Current
P3-3/4
LESHAN RADIO COMPANY, LTD.
LDTA124EET1
SC-89
A -X-
3 1 2
B -Y-
S
K G
2 PL
NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: MILLIMETERS 3. MAXIMUM LEAD THICKNESS INCLUDES LEAD FINISH THICKNESS. MINIMUM LEAD THICKNESS IS THE MINIMUM THICKNESS OF BASE MATERIAL. 4. 463C-01 OBSOLETE, NEW STANDARD 463C-02. MILLIMETERS MIN NOM MAX 1.50 1.60 1.70 0.75 0.85 0.95 0.60 0.70 0.80 0.23 0.28 0.33 0.50 BSC 0.53 REF 0.10 0.15 0.20 0.30 0.40 0.50 1.10 REF --- --- 10 _ --- --- 10 _ 1.50 1.60 1.70 INCHES NOM 0.063 0.034 0.028 0.011 0.020 BSC 0.021 REF 0.006 0.016 0.043 REF --- --- 0.063
D 0.08 (0.003)
M
3 PL
XY
M C
N J -TSEATING PLANE
DIM A B C D G H J K L M N S
MIN 0.059 0.030 0.024 0.009 0.004 0.012 --- --- 0.059
MAX 0.067 0.040 0.031 0.013 0.008 0.020 10 _ 10 _ 0.067
H
H
L
G RECOMMENDED PATTERN OF SOLDER PADS
P3-4/4


▲Up To Search▲   

 
Price & Availability of LDTA124EET1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X